PART |
Description |
Maker |
FDS6679_05 FDS6679 FDS667905 FDS6679NL |
30 Volt P-Channel PowerTrench MOSFET 13000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30 Volt P-Channel PowerTrench? MOSFET 30 Volt P-Channel PowerTrench㈢ MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDS7079ZN3 |
30V P-Channel PowerTrench MOSFET 30 Volt P-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDS4435BZ |
30 Volt P-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
USB10H |
Dual P-Channel 2.5V Specified PowerTrench MOSFET Dual P-Channel 2.5V Specified PowerTrench MOSFET(双P沟道 PowerTrench MOS场效应管(漏电流-1.9A, 漏源电压-20V,导通电.17Ω 1900 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Vishay Intertechnology, Inc.
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDB2572 FDP2572 FDB2572NL |
N-Channel PowerTrench MOSFET 150V, 29A, 54mз 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 150V N-Channel UltraFET Trench MOSFET 29A, 0.056 Ohms @ VGS = 10V, TO-263/D2PAK Package 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 150V/ 29A/ 54m N-Channel PowerTrench MOSFET 150V, 29A, 54m蟹 N-Channel PowerTrench MOSFET 150V, 29A, 54m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDG326P FDG326 FDG326PNL |
P-Channel 1.8V Specified PowerTrench MOSFET P-Channel 1.8V Specified PowerTrench MOSFET CAP CER 220PF 630VDC U2J 1206 1500 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDS3992 |
N-Channel PowerTrench MOSFET 100V, 4.5A, 62mз 4.5 A, 100 V, 0.062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench MOSFET 100V/ 4.5A/ 62m
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDG6332CF085 |
700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench? MOSFETs 20V N & P-Channel PowerTrench?MOSFETs
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDU8770 FDD8770 FDU8770-F071 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench MOSFET 25V, 35A, 4.0mOHM N-Channel PowerTrench㈢ MOSFET
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
|